Part Number Hot Search : 
SA5532A 302X25 1E101 MM74C1 6129S 167BZXI M5240 P80N0
Product Description
Full Text Search
 

To Download DF005S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005S - DF10S Bridge Rectifiers
DF005S - DF10S
Bridge Rectifiers
Features
* Surge overload rating: 50 amperes peak. * Glass passivated junction. * Low leakage. * UL certified, UL #E111753.
~ ~ + -
SDIP
Absolute Maximum Ratings *
Symbol
VRRM VRMS VR IF(AV) IFSM TSTG TJ
Ta = 25C unless otherwise noted
Parameter
Maximum Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Average Recitified Forward Current @ TA = 40C Non-Repetitive Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Storage Temperature Range Operating Junction Temperature
Value 005S 01S
50 35 50 100 70 100
02S
200 140 200
04S
400 280 400 1.5
06S
600 420 600
08S
800 560 800
10S
1000 700 1000
Units
V V V A
50 -55 to +150 -55 to +150
A C C
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Thermal Characteristics
Symbol
PD RJA Power Dissipation Thermal Resistance, Junction to Ambient, * per leg
Parameter
Value
3.1 40
Units
W C/W
* Device mounted on PCB with 0.5 x 0.5" (13 x 13mm).
Electrical Characteristics
Symbol
VF IR
TC = 25C unless otherwise noted
Parameter
Forward Voltage, per element @ 1.0A Reverse Current, per element @ Rated VR TA = 25C TA = 125C I2t Rating for Fusing t < 8.35ms Total Capacitance, per leg VR = 4.0v, f = 1.0MHz
Value
1.1 50 500 10 25
Units
V A A A2s pF
CT
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
DF005S - DF10S Rev. C1
DF005S - DF10S Bridge Rectifiers
Typical Performance Characteristics
Figure 1. Non-Repetitive Surge Current
Peak Forward Surge Current, IFSM[A]
Figure 2. Forward Current Derating Curve
Average Rectified Forward Current, IF[A]
1.5
50 40 30 20 10 0
1
0.5
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
0 20
40
60 80 100 120 140 AMBIENT TEMPERATURE ( C)
160
Figure 3. Forward Voltage Characteristics
10
Figure 4. Reverse Current vs Reverse Voltage
10
Forward Current, IF[A]
Reverse Current, IR[A]
T A = 100 C
1
1
0.1
TA = 25 C Pulse Width = 200s
0.1
TA = 25 C
0.01 0.4
0.6
0.8 1 1.2 FORWARD VOLTAGE (V)
1.4
0.01
0
20 40 60 80 100 120 NORMALIZED REVERSE VOLTAGE (%)
140
DF005S - DF10S Rev. C1
2
www.fairchildsemi.com
DF005S - DF10S Bridge Rectifiers
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM
ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM
POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I15
3 DF005S - DF10S Rev. C1
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DF005S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X